|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Monolithic Crystal Filter (MCF) TS3-45A01 3-pole MCF Features Miniature size : 7.0(W) X 5.0(D) X 1.5(H)mm Surface mounting is possible High attenuation Application IF filter for Cellular Phone AMPS / TDMA system Pager Cordless Phone Specifications Type Nominal frequency [fo] 3dB Pass band Insertion loss Pass band ripple (Peak to valley) Stop band attenuation fo 50kHz fo -100kHz fo -200kHz fo -800kHz to -1000kHz Spurious response Group delay distortion Terminating impedance Operating temperature range TS3-45A01 45 MHz A: LOSS (dB) 0 B 10 20 30 40 50 60 70 80 90 100 A:-1000 B.C:-25 0 1 2 3 4 5 6 30 C: Group Delay Time (s) B: LOSS (dB) 6.0 fo 15kHz min. 3.0 dB max. 1.0 dB max. 20 dB min. 40 dB min. 60 dB min. 70 dB min. 10 dB min. 10 s max. within fo 12kHz 1200 // -1.0 pF -30 C to +85 C A C 7 25 8 20 9 15 10 10 +1000 +25 45MHz FREQUENCY (kHz) Package Outlines [Dimensions in mm] 7.00.2 1.30.2 Footprint [Dimensions in mm] 5.00.2 Marking 6.0 1.2 (GND) 2.54 1 (OUT/IN) 2.0 (IN/OUT) 1.2 (GND) GND 1 1.4 GND (2003. 2.) 2.54 |
Price & Availability of TS3-45A01 |